Part Number Hot Search : 
N6302 C5121 500RL F06T4 MAE13030 HT9274 SBS00 T4005
Product Description
Full Text Search
 

To Download NRSA100M50V5X11F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  79 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial leads, polarized, standard case sizing nrsa series characteristics note: capacitors shall conform to jis-c-5141, unless otherwise specif ed here. nrsa nrss (todays standard) (reduced sizes) rated voltage range 6.3 ~ 100vdc capacitance range 0.47 ~ 10,000 f operating temperature range -40 ~ +85c capacitance tolerance 20%(m) max. leakage current @ +20c after 1 min. 0.03cv or 4 a, whichever is greater after 2 min. 0.01cv or 3 a, whichever is greater max. tan @ 120hz/+20c w.v. (vdc) 6.3 10 16 25 35 50 63 100 s.v. (vdc) 8 13 20 32 44 63 79 125 c < 1,000 f 0.24 0.20 0.16 0.14 0.12 0.10 0.10 0.10 c = 2,200 f 0.24 0.21 0.18 0.16 0.14 0.12 0.11 - c = 3,300 f 0.26 0.23 0.20 0.18 0.16 0.14 0.13 - c = 4,700 f 0.28 0.25 0.22 0.20 0.18 0.20 - - c = 6,800 f 0.32 0.29 0.26 0.24 - - - - c = 10,000 f 0.40 0.37 0.34 0.32 - - - - low temperature stability inpedance ratio @ 120hz z-25c/z+20c 4 3 2 2 2 2 2 2 z-40c/z+20c 10 8 6 4 3 3 3 3 load life test at rated w.v. +85c 2,000 hours capacitance change within 20% of initial measured value tan less than 200% of specif ed maximum value leakage current less than specif ed maximum value shelf life test +85c 1,000 hours no load capacitance change within 20% of initial measured value tan less than 200% of specif ed maximum value leakage current less than specif ed maximum value standard products and case size table: d x l (mm) cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 100 0.47 r47 - - - - - 5x11 - 5x11 1.0 1r0 - - - - - 5.11 - 5x11 2.2 2r2 - - - - - 5x11 - 5x11 3.3 3r3 - - - - - 5x11 - 5x11 4.7 4r7 - - - - - 5x11 5x11 5x11 10 100 - - 5x11 - 5x11 5x11 5x11 6.3x11 22 220 - - 5x11 5x11 5x11 5x11 6.3x11 8x11.5 33 330 - - 5x11 5x11 5x11 6.3x11 6.3x11 10x12.5 47 470 - 5x11 5x11 5x11 6.3x11 6.3x11 8x11.5 10x16 100 101 - 5x11 6.3x11 6.3x11 8x11.5 8x11.5 10x12.5 12.5x20 150 151 - 5x11 6.3x11 6.3x11 8x11.5 10x12.5 10x16 12.5x20 220 221 - 6.3x11 8x11.5 8x11.5 10x12.5 10x16 10x20 16x25 330 331 6.3x11 8x11.5 8x11.5 10x12.5 10x16 10x20 12.5x20 16x25 470 471 8x11.5 8x11.5 10x12.5 10x16 10x20 12.5x20 12.5x25 16x31.5 680 681 10x12.5 - - - - - - - 1,000 102 10x12.5 10x16 10x20 12.5x20 12.5x25 16x25 16x31.5 - 1,500 152 10x20 12.5x20 12.5x25 12.5x25 16x25 - 18x36 - 2,200 222 12.5x20 12.5x20 12.5x25 16x25 16x31.5 18x35.5 18x35.5 - 3,300 332 12.5x20 12.5x25 16x25 16x31.5 18x35.5 22x36 22x42 - 4,700 472 16x25 16x25 16x31.5 18x35.5 22x36 22x42 - - 6,800 682 16x25 16x31 18x36 22x36 - - - - 10,000 103 16x31 18x36 22x36 22x36 - - - - lead spacing and diameter (mm) dimensions (mm) d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking case dia. (d ) 5 6.3 8 10 12.5 16 18 22 lead dia (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 10 dim. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 = l < 20mm = 1.5mm, l > 20mm = 2.0mm *see part number system for details *see part number system for details rohs compliant includes all homogeneous materials
80 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nrsa series part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ? ) +20c/120hz load life hours @ +85c nrsa331m6.3v6.3x11f 330 6.3 0.24 240 1.11 2,000 nrsa471m6.3v8x11.5f 470 0.24 330 0.777 2,000 nrsa681m6.3v10x12.5f 680 0.24 460 0.526 2,000 nrsa102m6.3v10x12.5f 1,000 0.24 570 0.365 2,000 nrsa152m6.3v10x20f 1,500 0.24 790 0.243 2,000 nrsa222m6.3v12.5x20f 2,200 0.24 940 0.181 2,000 nrsa332m6.3v12.5x20f 3,300 0.26 1100 0.131 2,000 nrsa472m6.3v16x25f 4,700 0.28 1300 0.0988 2,000 nrsa682m6.3v16x25f 6,800 0.32 1600 0.0781 2,000 nrsa103m6.3v16x31f 10,000 0.40 1800 0.0663 2,000 nrsa470m10v5x11f 47 10 0.20 70 7.05 2,000 nrsa101m10v5x11f 100 0.20 130 3.16 2,000 nrsa151m10v5x11f 150 0.20 170 1.68 2,000 nrsa221m10v6.3x11f 220 0.20 210 1.44 2,000 nrsa331m10v8x11.5f 330 020 290 0.956 2,000 nrsa471m10v8x11.5f 470 0.20 350 0.671 2,000 nrsa102m10v10x16f 1,000 0.20 660 0.316 2,000 nrsa152m10v12.5x20f 1,500 0.20 870 0.210 2,000 nrsa222m10v12.5x20f 2,200 0.21 1000 0.159 2,000 nrsa332m10v12.5x25f 3,300 0.23 1200 0.116 2,000 nrsa472m10v16x25f 4,700 0.25 1500 0.0883 2,000 nrsa682m10v16x31f 6,800 0.29 1700 0.0708 2,000 nrsa103m10v18x36f 10,000 0.37 1900 0.0614 2,000 nrsa100m16v5x11f 10 16 0.16 28 26.5 2,000 nrsa220m16v5x11f 22 0.16 50 7.53 2,000 nrsa330m16v5x11f 33 0.16 80 8.05 2,000 nrsa470m16v5x11f 47 0.16 95 5.65 2,000 nrsa101m16v6.3x11f 100 0.16 160 2.66 2,000 nrsa151m16v6.3x11f 150 0.16 210 1.42 2,000 nrsa221m16v8x11.5f 220 0.16 260 1.21 2,000 nrsa331m16v8x11.5f 330 0.16 330 0.805 2,000 nrsa471m16v10x12.5f 470 0.16 440 0.565 2,000 nrsa102m16v10x20f 1,000 0.16 760 0.266 2,000 nrsa152m16v12.5x25f 1,500 0.16 1050 0.177 2,000 nrsa222m16v12.5x25f 2,200 0.18 1200 0.136 2,000 nrsa332m16v16x25f 3,300 0.20 1400 0.101 2,000 nrsa472m16v16x31.5f 4,700 0.22 1700 0.0777 2,000 nrsa682m16v18x36f 6,800 0.26 2000 0.0653 2,000 nrsa103m16v22x36f 10,000 0.35 2650 0.0564 2,000 nrsa220m25v5x11f 22 25 0.14 70 10.6 2,000 nrsa330m25v5x11f 33 0.14 85 7.04 2,000 nrsa470m25v5x11f 47 0.14 100 4.94 2,000 nrsa101m25v6.3x11f 100 0.14 170 2.33 2,000 nrsa151m25v6.3x11f 150 0.14 220 1.24 2,000 nrsa221m25v8x11.5f 220 0.14 270 1.06 2,000 nrsa331m25v10x12.5f 330 0.14 400 0.704 2,000 nrsa471m25v10x16f 470 0.14 510 0.494 2,000 nrsa102m25v12.5x20f 1,000 0.14 900 0.233 2,000 nrsa152m25v12.5x25f 1,500 0.14 1100 0.155 2,000 nrsa222m25v16x25f 2,200 0.16 1300 0.121 2,000 nrsa332m25v16x31.5f 3,300 0.18 1600 0.0905 2,000 nrsa472m25v18x35.5f 4,700 0.20 1900 0.0706 2,000 nrsa682m25v22x36f 6,800 0.24 2550 0.059 2,000 nrsa103m25v22x36f 10,000 0.32 2750 0.0531 2,000 nrsa100m35v5x11f 10 35 0.12 50 19.9 2,000 nrsa220m35v5x11f 22 0.12 75 9.05 2,000 nrsa330m35v5x11f 33 0.12 95 6.04 2,000 nrsa470m35v6.3x11f 47 0.12 120 4.24 2,000 nrsa101m35v8x11.5f 100 0.12 210 1.99 2,000 nrsa151m35v8x11.5f 150 0.12 290 1.08 2,000 nrsa221m35v10x12.5f 220 0.12 370 0.905 2,000 standard product, specifications and case sizes d x l (mm)
81 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ? ) +20c/120hz load life hours @ +85c nrsa331m35v10x16f 330 35 0.12 470 0.604 2,000 nrsa471m35v10x20f 470 0.12 600 0.424 2,000 nrsa102m35v12.5x25f 1,000 0.12 960 0.199 2,000 nrsa152m35v16x25f 1,500 0.12 1200 0.133 2,000 nrsa222m35v16x31.5f 2,200 0.14 1400 0.106 2,000 nrsa332m35v18x35.5f 3,300 0.16 1700 0.0805 2,000 nrsa472m35v22x36f 4,700 0.18 2400 0.0635 2,000 nrsar47m50v5x11f 0.47 50 0.10 10 353 2,000 nrsa1r0m50v5.11f 1.0 0.10 12 166 2,000 nrsa2r2m50v5x11f 2.2 0.10 20 75.4 2,000 nrsa3r3m50v5x11f 3.3 0.10 26 50.3 2,000 nrsa4r7m50v5x11f 4.7 0.10 33 35.3 2,000 NRSA100M50V5X11F 10 0.10 55 16.6 2,000 nrsa220m50v5x11f 22 0.10 85 7.54 2,000 nrsa330m50v6.3x11f 33 0.10 110 5.03 2,000 nrsa470m50v6.3x11f 47 0.10 140 3.53 2,000 nrsa101m50v8x11.5f 100 0.10 230 1.66 2,000 nrsa151m50v10x12.5f 150 0.10 330 0.88 2,000 nrsa221m50v10x16f 220 0.10 420 0.754 2,000 nrsa331m50v10x20f 330 0.10 580 0.503 2,000 nrsa471m50v12.5x20f 470 0.10 730 0.353 2,000 nrsa102m50v16x25f 1,000 0.10 1100 0.166 2,000 nrsa152m50v16x31f 1,500 0.10 1500 0.111 2,000 nrsa222m50v18x35.5f 2,200 0.12 1700 0.0905 2,000 nrsa332m50v22x36f 3,300 0.14 2200 0.0829 2,000 nrsa472m50v22x42f 4,700 0.20 2500 0.07 2,000 nrsa4r7m63v5x11f 4.7 63 0.10 35 31.8 2,000 nrsa100m63v5x11f 10 0.10 60 15.0 2,000 nrsa220m63v6.3x11f 22 0.10 100 6.79 2,000 nrsa330m63v6.3x11f 33 0.10 140 4.53 2,000 nrsa470m63v8x11.5f 47 0.10 190 3.18 2,000 nrsa101m63v10x12.5f 100 0.10 300 1.50 2,000 nrsa151m63v10x16f 150 0.10 400 0.800 2,000 nrsa221m63v10x20f 220 0.10 490 0.679 2,000 nrsa331m63v12.5x20f 330 0.10 680 0.453 2,000 nrsa471m63v12.5x25f 470 0.10 880 0.318 2,000 nrsa102m63v16x31.5f 1,000 0.10 1300 0.150 2,000 nrsa152m63v18x36f 1,500 0.10 1600 0.099 2,000 nrsa222m63v18x35.5f 2,200 0.11 2200 0.083 2,000 nrsa332m63v22x42f 3,300 0.13 2300 0.065 2,000 nrsar47m100v5x11f 0.47 100 0.10 11 283 2,000 nrsa1r0m100v5x11f 1.0 0.10 15 133 2,000 nrsa2r2m100v5x11f 2.2 0.10 25 60.4 2,000 nrsa3r3m100v5x11f 3.3 0.10 35 40.3 2,000 nrsa4r7m100v5x11f 4.7 0.10 45 28.3 2,000 nrsa100m100v6.3x11f 10 0.10 70 13.3 2,000 nrsa220m100v8x11.5f 22 0.10 120 6.04 2,000 nrsa330m100v10x12.5f 33 0.10 170 4.03 2,000 nrsa470m100v10x16f 47 0.10 230 2.83 2,000 nrsa101m100v12.5x20f 100 0.10 370 1.33 2,000 nrsa151m100v12.5x20f 150 0.10 490 0.710 2,000 nrsa221m100v16x25f 220 0.10 600 0.604 2,000 nrsa331m100v16x25f 330 0.10 700 0.403 2,000 nrsa471m100v16x31.5f 470 0.10 930 0.283 2,000 ripple current frequency correction factor frequency (hz) 50 120 300 1k 10k ~ 47 f 0.75 1.00 1.35 1.57 2.00 100 ~ 470 f 0.80 1.00 1.23 1.34 1.50 1,000 f ~ 0.85 1.00 1.10 1.13 1.15 2,200 ~ 10,000 f 0.85 1.00 1.03 1.05 1.08 precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nics electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your specif c application - process details with nics technical support personnel: tpmg@niccomp.com miniature aluminum electrolytic capacitors nrsa series standard product, specifications and case sizes d x l (mm)


▲Up To Search▲   

 
Price & Availability of NRSA100M50V5X11F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X